Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS520A70 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS520A70 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS520A70
Download  AONS520A70 Download
File Size   693.94 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 700V, a MOS5 TM N-Channel Power Transistor

AONS520A70 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS520A70 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS520A70
Download  AONS520A70 Click to download

File Size   693.94 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 700V, a MOS5 TM N-Channel Power Transistor

AONS520A70 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS520A70 Product details

General Description
• Proprietary aMOS5TM technology
• Low RDS(ON)
• Optimized switching parameters for better EMI
performance
• Enhanced body diode for robustness and fast reverse
recovery

Applications
• PFC and PWM stages (Flyback, LLC) of Adapter,
PC Silverbox,Server,Gaming Power Supply,Industrial,
TV,Lighting




Similar Part No. - AONS520A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS18314 AOSMD-AONS18314 Datasheet
649Kb / 6P
30V N-Channel MOSFET
Rev.1.0: July 2020
AONS21113 AOSMD-AONS21113 Datasheet
623Kb / 6P
20V P-Channel MOSFET
Rev.3.0: June 2020
AONS21303C AOSMD-AONS21303C Datasheet
630Kb / 6P
30V P-Channel MOSFET
Rev.1.0: May 2020
AONS21307 AOSMD-AONS21307 Datasheet
342Kb / 6P
30V P-Channel MOSFET
Rev.1.0: October 2017
AONS21309C AOSMD-AONS21309C Datasheet
623Kb / 6P
30V P-Channel MOSFET
Rev.2.0: January 2020
More results


Similar Description - AONS520A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
N-Channel SDMOS TM Power Transistor
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOB414 AOSMD-AOB414 Datasheet
350Kb / 7P
N-Channel SDMOS TM Power Transistor
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOTF190A60L AOSMD-AOTF190A60L Datasheet
345Kb / 6P
600V, a MOS5 TM N-Channel Power Transistor
AOB600A70L AOSMD-AOB600A70L Datasheet
534Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
AOD600A70R AOSMD-AOD600A70R Datasheet
533Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.3.0: August 2020
AONS420A70 AOSMD-AONS420A70 Datasheet
684Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.0: December 2021
AOD600A70 AOSMD-AOD600A70 Datasheet
667Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com