Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON6450L Datasheet (PDF) - Alpha & Omega Semiconductors

AON6450L Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6450L
Download  AON6450L Download
File Size   274.23 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS TM Power Transistor

AON6450L Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6450L Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6450L
Download  AON6450L Click to download

File Size   274.23 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS TM Power Transistor

AON6450L Datasheet (HTML) - Alpha & Omega Semiconductors


AON6450L Product details

General Description
The AON6450L is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

- RoHS Compliant
- Halogen Free

Product Summary
   Parameter
   VDS                                100V
   ID (at VGS=10V)             52A
   RDS(ON) (at VGS=10V) < 14.5mΩ
   RDS(ON) (at VGS = 7V) < 17.5mΩ

   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AON6450L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450 AOSMD-AON6450 Datasheet
279Kb / 7P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Similar Description - AON6450L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPP46N03 SIEMENS-SPP46N03 Datasheet
86Kb / 9P
SIPMOS-TM POWER TRANSISTOR
logo
Alpha & Omega Semicondu...
AOB414 AOSMD-AOB414 Datasheet
350Kb / 7P
N-Channel SDMOS TM Power Transistor
AOL1432A AOSMD-AOL1432A Datasheet
162Kb / 7P
N-Channel SDMOS POWER Transistor
AOT410L AOSMD-AOT410L Datasheet
324Kb / 7P
100V N-Channel MOSFET SDMOS?
logo
NXP Semiconductors
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Alpha & Omega Semicondu...
AOTF190A60L AOSMD-AOTF190A60L Datasheet
345Kb / 6P
600V, a MOS5 TM N-Channel Power Transistor
AONS420A70 AOSMD-AONS420A70 Datasheet
684Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.0: December 2021
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Alpha & Omega Semicondu...
AONS520A70 AOSMD-AONS520A70 Datasheet
693Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev 1.0: December 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com