Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB414 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB414 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB414
Download  AOB414 Download
File Size   350.41 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS TM Power Transistor

AOB414 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB414 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB414
Download  AOB414 Click to download

File Size   350.41 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS TM Power Transistor

AOB414 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB414 Product details

General Description
The AOB414 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics. This device is ideally suited for use as a low side switch in CPU core power conversion. AOB414L ( Green Product ) is offered in a lead-free package.

Features
    VDS (V) = 30V
    ID = 110A
    RDS(ON) < 4.2mΩ (VGS = 10V)
    RDS(ON) < 4.8mΩ (VGS = 4.5V)




Similar Part No. - AOB414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOB414 ETC-AOB414 Datasheet
115Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOB414 ISC-AOB414 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
AOB414L ETC-AOB414L Datasheet
115Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOB414

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPP46N03 SIEMENS-SPP46N03 Datasheet
86Kb / 9P
SIPMOS-TM POWER TRANSISTOR
logo
Alpha & Omega Semicondu...
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
N-Channel SDMOS TM Power Transistor
AOL1432A AOSMD-AOL1432A Datasheet
162Kb / 7P
N-Channel SDMOS POWER Transistor
AOT410L AOSMD-AOT410L Datasheet
324Kb / 7P
100V N-Channel MOSFET SDMOS?
logo
NXP Semiconductors
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Alpha & Omega Semicondu...
AOTF190A60L AOSMD-AOTF190A60L Datasheet
345Kb / 6P
600V, a MOS5 TM N-Channel Power Transistor
AONS420A70 AOSMD-AONS420A70 Datasheet
684Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.0: December 2021
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Alpha & Omega Semicondu...
AONS520A70 AOSMD-AONS520A70 Datasheet
693Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev 1.0: December 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com