Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOL1432A Datasheet (PDF) - Alpha & Omega Semiconductors

AOL1432A Datasheet PDF - Alpha & Omega Semiconductors
Part # AOL1432A
Download  AOL1432A Download
File Size   162.86 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS POWER Transistor

AOL1432A Datasheet (PDF)

Go To PDF Page Download Datasheet
AOL1432A Datasheet PDF - Alpha & Omega Semiconductors

Part # AOL1432A
Download  AOL1432A Click to download

File Size   162.86 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOS POWER Transistor

AOL1432A Datasheet (HTML) - Alpha & Omega Semiconductors


AOL1432A Product details

General Description
The AOL1432A is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge. The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

-RoHS Compliant
-Halogen Free

Features
   VDS (V) = 25V
   ID = 44A (VGS = 10V)
   RDS(ON) < 7.5mΩ (VGS = 10V)
   RDS(ON) <14mΩ (VGS = 4.5V)

   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AOL1432A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1432 AOSMD-AOL1432 Datasheet
130Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AOL1432 AOSMD-AOL1432 Datasheet
145Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AOL1432L AOSMD-AOL1432L Datasheet
130Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AOL1432 AOSMD-AOL1432_08 Datasheet
145Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AOL1432A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ332A SIEMENS-BUZ332A Datasheet
215Kb / 9P
SIPMOS Power Transistor(N Channel)
logo
Alpha & Omega Semicondu...
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
N-Channel SDMOSTM POWER Transistor
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
N-Channel SDMOS TM Power Transistor
AOT412 AOSMD-AOT412 Datasheet
315Kb / 7P
N-Channel SDMOSTM Power Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
n-channel Power-Transistor
Rev. 2.1 2008-06-19
logo
Alpha & Omega Semicondu...
AOB414 AOSMD-AOB414 Datasheet
350Kb / 7P
N-Channel SDMOS TM Power Transistor
AOT410L AOSMD-AOT410L Datasheet
324Kb / 7P
100V N-Channel MOSFET SDMOS?
logo
Thinki Semiconductor Co...
F55NF06 THINKISEMI-F55NF06 Datasheet
334Kb / 6P
N-CHANNEL POWER MOSFET TRANSISTOR
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com