Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6605C Datasheet (PDF) - MPS Industries, Inc.

MP6605C Datasheet PDF - MPS Industries, Inc.
Part # MP6605C
Download  MP6605C Download
File Size   671.73 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 4-Channel, Low-Side Driver with I2C Interface

MP6605C Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6605C Datasheet PDF - MPS Industries, Inc.

Part # MP6605C
Download  MP6605C Click to download

File Size   671.73 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 4-Channel, Low-Side Driver with I2C Interface

MP6605C Datasheet (HTML) - MPS Industries, Inc.


MP6605C Product details

DESCRIPTION
The MP6605C is a 4-channel, low-side driver IC
with an I2C interface. The device integrates lowside
MOSFET (LS-FET) switches and high-side
clamp diodes to drive inductive loads. It is
typically used for unipolar stepper motors and
solenoid drivers.
The MP6605C operates from a supply voltage of
up to 60V, and can deliver an output current
(IOUT) up to 1.5A, depending on the PCB design
and thermal conditions. The maximum voltage
on the motor driver’s output pins is 60V.
Internal safety features include over-current
protection (OCP), under-voltage lockout
(UVLO), and over-temperature protection (OTP).
The MP6605C is available in a QFN-24
(4mmx4mm) package.

FEATURES
• Wide 4.5V to 60V Input Voltage (VIN) Range
• 60V Maximum Winding Clamp Voltage
• Four Low-Side MOSFETs (LS-FETs) and
Clamp Diodes
• 350mΩ MOSFET On Resistance
• 1.5A (One Channel On) or 700mA (Four
Channels On) Maximum Output Current
(IOUT)
• Over-Current Protection (OCP)
• Under-Voltage Lockout Protection (UVLO)
• Over-Temperature Protection (OTP)
• Fault Indication Output
• No Control Power Supply Required
• I2C Interface
• 3.3V and 5V Compatible Logic Supply
• Available in a QFN-24 (4mmx4mm)
Package

APPLICATIONS
• Unipolar Stepper Motors
• Solenoid Drivers




Similar Part No. - MP6605C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6600GR MPS-MP6600GR Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GF MPS-MP6601GF Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
MP6601GU MPS-MP6601GU Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Similar Description - MP6605C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
4 channel low-side driver
Rev. 1.2, May 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com