Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6605C Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP6605C Datasheet HTML 1Page - MPS Industries, Inc. MP6605C Datasheet HTML 2Page - MPS Industries, Inc. MP6605C Datasheet HTML 3Page - MPS Industries, Inc. MP6605C Datasheet HTML 4Page - MPS Industries, Inc. MP6605C Datasheet HTML 5Page - MPS Industries, Inc. MP6605C Datasheet HTML 6Page - MPS Industries, Inc. MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
4
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
6
VIN
Input supply voltage. Decouple the VIN pin with a minimum 100nF ceramic
capacitor connected to GND. Additional bulk capacitance may be required.
4
VCLAMP
High-side clamp. Connect the VCLAMP pin to VIN with a TVS or Zener diode to
clamp the leakage inductance spike.
7, exposed
pad
GND
Power ground.
1
SDA
I2C data.
2
SCL
I2C clock.
11
A0
Address setting input. Connect the A0~A3 pins to ground or leave them open to
configure the I2C interface address. These pins have an internal pull-up resistor, and
are connected to an internal supply voltage (about 6V).
12
A1
20
A2
19
A3
8
SIN0
Sensor input 0. The SIN0 pin has an internal pull-down resistor.
9
SIN1
Sensor input 1. The SIN1 pin has an internal pull-down resistor.
10
SIN2
Sensor input 2. The SIN2 pin has an internal pull-down resistor.
21
RESET
Device reset input. Drive the RESET pin active high to initialize the digital logic.
RESET has an internal pull-down resistor.
22
nENBL
Enable input. Drive the nENBL pin to logic high to disable the outputs; drive nENBL
to logic low to enable the outputs. The state of nENBL does not affect the I2C
interface. nENBL has an internal pull-down resistor.
23
nFAULT
Fault indication. The nFAULT pin is an open-drain output that requires an external
pull-up resistor when it is used. If a fault condition occurs, nFAULT is driven low.
17
OUT1
Output terminal 1.
16
OUT2
Output terminal 2.
15
OUT3
Output terminal 3.
14
OUT4
Output terminal 4.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ......................-0.3V to +65V
OUTx voltage (VOUTx) ....................-0.7V to +65V
Clamp voltage (VCLAMP) .................-0.7V to +65V
A0, A1, A2, A3 ................................-0.3V to +9V
All other pins to GND ...................-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
................................................................... 2.9W
Storage temperature ................ -55°C to +150°C
Junction temperature ............................. +150°C
Lead temperature (solder) ..................... +260°C
ESD Ratings
Human body model (HBM) ……………….. ±2kV
Charged device model (CDM) …………… ±2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) .........................4.5V to 60V
Output voltage (VOUTx).........................0V to 60V
Maximum output current for LS-FETs (ILSX)…….
…………………………………………………1.5A
Maximum output current for high-side diodes
(IHSX) ………………….. 1.5A at duty cycle <20%
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-24 (4mmx4mm)............. 42........ 9 .... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com