Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6605C Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP6605C
Description  4-Channel, Low-Side Driver with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6605C Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP6605C Datasheet HTML 7Page - MPS Industries, Inc. MP6605C Datasheet HTML 8Page - MPS Industries, Inc. MP6605C Datasheet HTML 9Page - MPS Industries, Inc. MP6605C Datasheet HTML 10Page - MPS Industries, Inc. MP6605C Datasheet HTML 11Page - MPS Industries, Inc. MP6605C Datasheet HTML 12Page - MPS Industries, Inc. MP6605C Datasheet HTML 13Page - MPS Industries, Inc. MP6605C Datasheet HTML 14Page - MPS Industries, Inc. MP6605C Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP6605C
– 4-CHANNEL LOW-SIDE DRIVER WITH I2C INTERFACE
MP6605C Rev. 1.0
MonolithicPower.com
11
7/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Normal operation resumes automatically when
the die temperature falls to a safe level.
I2C INTERFACE
The I2C interface is a two-wire, bidirectional
serial interface consisting of a data line (SDA)
and a clock line (SCL). The lines are pulled to a
bus voltage externally when they are idle.
The MP6605C interface is an I2C slave that
supports a maximum clock frequency up to
400kHz.
I2C Update Sequence
The MP6605C requires a start command, valid
I2C address, and data byte. After receiving each
byte, the MP6605C acknowledges the request
by pulling the SDA line low during the high period
of a single clock pulse.
A valid I2C address selects the MP6605C. The
MP6605C performs an update on the falling
edge of the LSB byte.
Start and Stop Commands
The start and stop commands are signaled by
the master device, and they signify the beginning
and the end of the I2C transfer, respectively. A
start (S) command is defined as the SDA signal
transitioning from high to low while SCL is high.
A stop (P) command is defined as the SDA
signal transitioning from low to high while SCL is
high (see Figure 2).
Figure 2: Start and Stop Commands
Address Byte
After the start command, the I2C master sends
an address byte. The address byte consists of a
7-bit address field, and one bit (WR) that
indicates if the transfer is a read (WR = 1) or a
write (WR = 0).
The four LSBs of the address are set by the
A0~A3 input pins, which means that a maximum
of 16 devices can be connected to the same I2C
bus.
The address byte is followed by an acknowledge
bit (see Figure 3).
S
WR
A
8 Bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Command
P = Stop Command
WR (Write = 0;
Read = 1)
A0
A1
A2
A3
0
1
0
Figure 3: Address Byte
Data Byte
After the address is acknowledged, an 8-bit data
byte is sent, followed by an acknowledge bit (see
Figure 4). The state of the WR bit in the address
byte determines if the data is written from the
master to the MP6605C, or if data is read from
the MP6605C.
S
D0
A
8 Bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
D1
D2
D3
S0
x
S1
S2
Slave to Master (WR = 0 (Write)) or
Master to Slave (WR = 1 (Read))
Figure 4: Data Byte
The D0~D3 bits can be written to or read. When
they are written to 1, the corresponding output
bit(s) is driven low. The S0~S2 bits are read-
only, and they correspond to the state of the
S0~S2 input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com