Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB650GL Datasheet (PDF) - MPS Industries, Inc.

NB650GL Datasheet PDF - MPS Industries, Inc.
Part # NB650GL
Download  NB650GL Download
File Size   1426.59 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID

NB650GL Datasheet (PDF)

Go To PDF Page Download Datasheet
NB650GL Datasheet PDF - MPS Industries, Inc.

Part # NB650GL
Download  NB650GL Click to download

File Size   1426.59 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID

NB650GL Datasheet (HTML) - MPS Industries, Inc.


NB650GL Product details

DESCRIPTION
The NB650/NB650H is fully-integrated, highfrequency,
synchronous, rectified, step-down,
switch-mode converters with dynamic-output–
voltage control. It offers a very compact solution
to achieve 6A of continuous output current over
a wide input supply range, and has excellent
load and line regulation. The NB650/NB650H
operates at high efficiency over a wide outputcurrent–
load range.
Constant-On-Time control mode provides fast
transient response and eases loop stabilization.
2-bit VID inputs support changing the output
voltage on-the-fly.
Full protection features include short-circuit
protection, over-current protection, over-voltage
protection, under-voltage protection, and
thermal shut down.
The NB650/NB650H requires a minimal number
of readily-available standard external
components, and is available in a space-saving
3mm×4mm QFN17 package.

FEATURES
 Wide 4.5V-to-28V Operating Input Range
 6A Output Current
 Internal 50mΩ High-Side, 18mΩ Low-Side
Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 1% Reference Voltage
 Programmable Soft-Start Time
 2-bit VID Input
 Soft Shutdown
 Frequency Programmable from 150kHz to
1MHz
 SCP, OCP, OVP, UVP, and Thermal
Shutdown
 Optional OCP Protection: Latch-Off Mode
(NB650) and Hiccup Mode (NB650H)
 Output Adjustable from 0.6V to 13V
 Available in QFN17 (3mm×4mm) Package

APPLICATIONS
 Notebook Systems and I/O Power
 Networking Systems
 Digital Set Top Boxes
 Flat-Panel Televisions and Monitors
 Distributed Power Systems




Similar Part No. - NB650GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB650GL MPS-NB650GL Datasheet
681Kb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
More results


Similar Description - NB650GL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
NB650H MPS-NB650H Datasheet
681Kb / 20P
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
logo
Linear Technology
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Exar Corporation
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
22V, 6A Synchronous Step-Down
XR79206 EXAR-XR79206 Datasheet
2Mb / 19P
40V, 6A Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com