Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5022-EVALZ Datasheet (PDF) - Analog Devices

ADRF5022-EVALZ Datasheet PDF - Analog Devices
Part # ADRF5022-EVALZ
Download  ADRF5022-EVALZ Download
File Size   711.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz

ADRF5022-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5022-EVALZ Datasheet PDF - Analog Devices

Part # ADRF5022-EVALZ
Download  ADRF5022-EVALZ Click to download

File Size   711.8 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz

ADRF5022-EVALZ Datasheet (HTML) - Analog Devices


ADRF5022-EVALZ Product details

GENERAL DESCRIPTION
The ADRF5022 is a nonreflective, single-pole double-throw (SPDT)
switch manufactured in the silicon process.
The ADRF5022 operates from 100 MHz to 45 GHz with a typical
insertion loss of 2.3 dB and isolation of 43 dB. The device has an
RF input-power handling capability of 30 dBm for the through path,
24 dBm for the terminated path, and 30 dBm for the hot switching at
the RF common port.
The ADRF5022 requires a positive supply of +3.3 V and a negative
supply of −3.3 V. The device employs complementary metal-oxide
semiconductor (CMOS)-/low-voltage transistor to transistor logic
(LVTTL)-compatible controls.
The ADRF5022 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is
connected to ground. In this operating condition, the small signal
performance is maintained while the switching characteristics, linearity,
and power handling performance is derated. For more details,
see Table 2.
TheADRF5022 is pin-compatible with the ADRF5023, low-frequency
cutoff version, which operates from 9 kHz to 45 GHz.
The ADRF5022 comes in a 20-terminal, 3.0 mm × 3.0 mm, RoHScompliant,
land grid array (LGA) package and can operate from −40°C to +105°C.

FEATURES
► Ultra-wideband frequency range: 100 MHz to 45 GHz
► Nonreflective design
► Low insertion loss
► 1.2 dB typical to 18 GHz
► 1.9 dB typical to 40 GHz
► 2.3 dB typical to 45 GHz
► High Isolation: 43 dB typical to 45 GHz
► High input linearity
► 0.1 dB power compression (P0.1dB): 31 dBm
► Third-order intercept (IP3): 55 dBm
► High power handling at TCASE = 85°C
► 30 dBm through path
► 24 dBm terminated path
► 30 dBm hot switching (RFC port)
► RF settling time (0.1 dB final RF output): 30 ns
► No low-frequency spurious signals
► All off-state control
► Positive control interface: CMOS-/LVTTL-compatible
► 20-terminal, 3.0 mm × 3.0 mm LGA package
► Pin-compatible with ADRF5023, low-frequency cutoff version

APPLICATIONS
► Test and instrumentation
► Cellular infrastructure: 5G millimeter wave
► Military radios, radars, and electronic countermeasures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)
► Industrial scanners




Similar Part No. - ADRF5022-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results


Similar Description - ADRF5022-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com