Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6112 Datasheet (PDF) - Unisonic Technologies

PA6112 Datasheet PDF - Unisonic Technologies
Part # PA6112
Download  PA6112 Download
File Size   186.33 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 150MW AUDIO POWER AMPLIFIER

PA6112 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA6112 Datasheet PDF - Unisonic Technologies

Part # PA6112
Download  PA6112 Click to download

File Size   186.33 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 150MW AUDIO POWER AMPLIFIER

PA6112 Datasheet (HTML) - Unisonic Technologies


PA6112 Product details

■ DESCRIPTION
The UTC PA6112 is a dual audio power amplifier with differential inputs capable of delivering typically 150mW per channel of continuous average power to an 16Ω load with less than 0.1% THD+N using a 5V power supply. The unity-gain stable UTC PA6112 can be configured by external gain-setting resistors.
The UTC PA6112 features an externally controlled, low-power consumption shutdown mode. The UTC PA6112 exhibit a low quiescent current of typically 1.5mA, allowing usage in portable applications.

■ FEATURES
* Operating voltage range VDD=2.5V~5.5V
* Output power:
   -150mW @5V into 16Ω
* Differential inputs
* Shutdown mode available
* Low current consumption:3mA max
* click and pop reduction circuitry
* Unity-gain stable
* Thermal and over-current protection




Similar Part No. - PA6112

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA61 APEX-PA61 Datasheet
230Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
201Kb / 5P
Power Operational Amplifiers
logo
VBsemi Electronics Co.,...
PA610AD VBSEMI-PA610AD Datasheet
1,009Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA610DD UNIKC-PA610DD Datasheet
546Kb / 5P
P-Channel Enhancement Mode MOSFET
More results


Similar Description - PA6112

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Princeton Technology Co...
PT2338 PTC-PT2338 Datasheet
234Kb / 3P
150mW Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com