Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2338 Datasheet (PDF) - Princeton Technology Corp

PT2338 Datasheet PDF - Princeton Technology Corp
Part # PT2338
Download  PT2338 Download
File Size   234.66 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 150mW Stereo Audio Power Amplifier

PT2338 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2338 Datasheet PDF - Princeton Technology Corp

Part # PT2338
Download  PT2338 Click to download

File Size   234.66 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 150mW Stereo Audio Power Amplifier

PT2338 Datasheet (HTML) - Princeton Technology Corp


PT2338 Product details

DESCRIPTION

The PT2338 is a stereo power amplifier designed for the audio equipment; it is possible to delivery up to 150mW power to the 16Ω loads. Overall voltage gain is determine by the external resistors, for some application needs higher common mode reject performance to canceling common mode noises, the input port of the PT2338 is configuration as differential input. Very low quiescent current and low voltage operation capability let it become a best choice for the portable audio application.



FEATURES

• CMOS processing

• Stereo differential inputs

• Wide operation range: from 2.5V to 5.5V

• Driving capability up to 16Ω headphone

• Low quiescent current:1.5mA

• POP noise free circuitry

• Thermal and Short-Circuit protection

• Low Harmonic distortion and low residual noise

• Available in 10 Pins, MSOP small outline package



APPLICATIONS

• Portable media player

• Wireless headset

• Mobile phone

• LCD TV

• Mini compo

• PC audio

• Other audio applications



 




Similar Part No. - PT2338

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results


Similar Description - PT2338

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
DUAL 150MW AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
STEREO 2W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
Stereo Audio Power Amplifier
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
2.6W Stereo Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
1.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
Stereo Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com