Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA61 Datasheet (PDF) - Cirrus Logic

PA61 Datasheet PDF - Cirrus Logic
Part # PA61
Download  PA61 Download
File Size   230.95 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA61 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA61 Datasheet PDF - Cirrus Logic

Part # PA61
Download  PA61 Click to download

File Size   230.95 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA61 Datasheet (HTML) - Cirrus Logic


PA61 Product details

DESCRIPTION
The PA61 and PA61A are high output current operational amplifers designed to drive resistive, inductive and capacitive loads. Their complementary emitter follower output stage is the simple class C type and optimized for low frequency applications where crossover distortion is not critical. These amplifers are not recommended for audio, transducer or deflection coil drive circuits above 1kHz or when distortion is critical. The safe operating area (SOA) is fully specifed and can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifers are internally compensated for all gain settings. For continuous operation under load, mounting on a heatsink of proper rating is recommended.
This hybrid circuit utilizes thick flm conductors, ceramic capacitors, and semiconductor chips to maximize reliability, minimize size, and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is electrically isolated and hermetically sealed. The use of compressible thermal washers and/or improper mounting torquevoids the product warranty. Please see “General Operating Considerations”.

FEATURES
• WIDE SUPPLY RANGE — ±10 to ±45V
• HIGH OUTPUT CURRENT — ±10A Peak
• LOW COST — Class “C” output stage
• LOW QUIESCENT CURRENT — 3mA

APPLICATIONS
• PROGRAMMABLE POWER SUPPLY
• MOTOR/SYNCRO DRIVER
• VALVE AND ACTUATOR CONTROL
• DC OR AC POWER REGULATOR
• FIXED FREQUENCY POWER OSCILLATOR




Similar Part No. - PA61

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
201Kb / 5P
Power Operational Amplifiers
logo
VBsemi Electronics Co.,...
PA610AD VBSEMI-PA610AD Datasheet
1,009Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA610DD UNIKC-PA610DD Datasheet
546Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
DUAL 150MW AUDIO POWER AMPLIFIER
More results


Similar Description - PA61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com