Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB803RSLR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CDCDB803RSLR Datasheet PDF - Texas Instruments
Part # CDCDB803RSLR
Download  CDCDB803RSLR Download
File Size   1363.42 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6

CDCDB803RSLR Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCDB803RSLR Datasheet PDF - Texas Instruments

Part # CDCDB803RSLR
Download  CDCDB803RSLR Click to download

File Size   1363.42 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6

CDCDB803RSLR Datasheet (HTML) - Texas Instruments


CDCDB803RSLR Product details

1 Features
• 8 LP-HCSL outputs with programmable integrated
85-Ω (default) or 100-Ω differential output
terminations
• 8 hardware output enable (OE#) controls
• Additive phase jitter after PCIE Gen 6 filter: 20 fs,
RMS (maximum)
• Additive phase jitter after PCIE Gen 5 filter: 25 fs,
RMS (maximum)
• Additive phase jitter after DB2000Q filter: 38 fs,
RMS (maximum)
• Supports Common Clock (CC) and Individual
Reference (IR) architectures
– Spread spectrum-compatible
• Output-to-output skew: < 50 ps
• Input-to-output delay: < 3 ns
• Fail-safe input
• Programmable output slew rate control
• 9 selectable SMBus addresses
• 3.3-V core and IO supply voltages
• Hardware-controlled low power mode (PD#)
• Current consumption: 72 mA maximum
• 6-mm × 6-mm, 48-pin VQFN package

2 Applications
• Microserver & tower server
• Storage area network & host bus adapter card
• Network attached storage
• Hardware accelerator
• Rack server

3 Description
The CDCDB803 is a 8-output LP-HCSL, DB800ZLcompliant,
clock buffer capable of distributing the
reference clock for PCIe Gen 1-6, QuickPath
Interconnect (QPI), UPI, SAS, and SATA interfaces.
The SMBus interface and eight output enable pins
allow the configuration and control of all eight
outputs individually. The CDCDB803 is a DB800ZL
derivative buffer and meets or exceeds the system
parameters in the DB800ZL specification. It also
meets or exceeds the parameters in the DB2000Q
specification. The CDCDB803 is packaged in a 6-mm
× 6-mm, 48-pin VQFN package.




Similar Part No. - CDCDB803RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCDB803RSLR TI-CDCDB803RSLR Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
More results


Similar Description - CDCDB803RSLR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com