Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

887FU-252M Datasheet (PDF) - TOKO, Inc

887FU-252M Datasheet PDF - TOKO, Inc
Part # 887FU-252M
Download  887FU-252M Download
File Size   91.18 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for EL Lamp Driver

887FU-252M Datasheet (PDF)

Go To PDF Page Download Datasheet
887FU-252M Datasheet PDF - TOKO, Inc

Part # 887FU-252M
Download  887FU-252M Click to download

File Size   91.18 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Fixed Inductors for EL Lamp Driver

887FU-252M Datasheet (HTML) - TOKO, Inc


887FU-252M Product details

FEATURES
• Low profile (3.5mm Max. square, 2.2mm Max. height).
• Ideal for a variety EL lamp inverter inductor application
• RoHS compliant.




Similar Part No. - 887FU-252M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
887 ETC1-887 Datasheet
225Kb / 2P
Model 888,887 18&20 pin Dual In-Line Thick Film Resistor Network
logo
Adafruit Industries
887 ADAFRUIT-887 Datasheet
132Kb / 3P
Cool White LED Weatherproof Flexi-Strip 60 LED - (1 m)
7/23/2015
logo
Keystone Electronics Co...
887 KEYSTONE-887 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
EDAC, All Rights Reserv...
887-006-500-101 EDAC-887-006-500-101 Datasheet
294Kb / 4P
887 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
887-006-500-101 EDAC-887-006-500-101 Datasheet
135Kb / 4P
887 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | High Profile Insulator
More results


Similar Description - 887FU-252M

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
LARGE EL LAMP DRIVER
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
TOKO, Inc
D31FU TOKO-D31FU Datasheet
91Kb / 1P
Fixed Inductors for EL Lamp Driver
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
EL LAMP DRIVER CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com