Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6905A Datasheet (PDF) - List of Unclassifed Manufacturers

AC6905A Datasheet PDF - List of Unclassifed Manufacturers
Part # AC6905A
Download  AC6905A Download
File Size   368.63 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6905A Features

AC6905A Datasheet (PDF)

Go To PDF Page Download Datasheet
AC6905A Datasheet PDF - List of Unclassifed Manufacturers

Part # AC6905A
Download  AC6905A Click to download

File Size   368.63 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6905A Features

AC6905A Datasheet (HTML) - List of Unclassifed Manufacturers


AC6905A Product details

High performance 32-bit RISC CPU
RISC 32bit CPU
DC-160MHz operation
Support DSP instructions
64Vectored interrupts
4 Levels interrupt priority
Flexible I/O
9 GPIO pins
All GPIO pins can be programmable as input or output individually
All GPIO pins are internal pull-up/pull-down selectable individually
CMOS/TTL level Schmitt triggered input
External wake up/interrupt on all GPIOs
Peripheral Feature
One full speed USB 2.0 OTG controller
Four multi-function 16-bit timers, support capture and PWM mode
One full-duplex basic UART
One full-duplex advanced UART
One SPI interface supports host and device mode
Two SD Card Host controller
One IIC interface supports host and device mode
Watchdog
1 Crystal Oscillator
16-bit Stereo DAC, SNR > 90dB
1 channels Stereo ADC, SNR > 90dB
1 channel MIC amplifier
Embedded headphone amplifier
1 channels Stereo analog MUX
10-bit ADC
2 channels 4 levels Low Voltage Detector
Built in Cap Sense Key controller
Power-on reset
Embedded PMU
Bluetooth Feature
CMOS single-chip fully-integrated radio and baseband
Compliant with Bluetooth V4.2+BR+EDR+BLE specification
Bluetooth Piconet and Scatternet support
Meet class2 and class3 transmitting power requirement
Provides +2dbm transmitting power
receiver with -85dBm sensitivity
Support a2dpavctpavdtpavrcphfpsppsmpattgapgatt fcommsdpl2cap profile
FM Tuner
Support worldwide frequency band 76-108MHz
Fully integrated digital low-IF tuner & frequency synthesizer
Autonomous search tuning
Digital auto gain control (AGC)
Digital adaptive noise cancellation
Programmable de-emphasis (50/75 uS)
Receive signal strength indicator (RSSI)
Digital volume control
Power Supply
LDOIN is 3.3V to 5.5V
VDDIO is 3.0V to 3.6V
Packages
QSOP24
Temperature
Operating temperature: -40℃ to +85℃
Storage temperature: -65℃ to +150℃




Similar Part No. - AC6905A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC6926A ETC-AC6926A Datasheet
513Kb / 13P
AC6926A Features
Version V1.0
AC6936D ETC-AC6936D Datasheet
490Kb / 13P
AC6936D Features
Version 1.1
More results


Similar Description - AC6905A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
Features
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
MC9RS08KA8 Features
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
Description Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
FEATURES
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
FEATURES
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
Features/Product Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com