Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6926A Datasheet (PDF) - List of Unclassifed Manufacturers

AC6926A Datasheet PDF - List of Unclassifed Manufacturers
Part # AC6926A
Download  AC6926A Download
File Size   513.02 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6926A Features

AC6926A Datasheet (PDF)

Go To PDF Page Download Datasheet
AC6926A Datasheet PDF - List of Unclassifed Manufacturers

Part # AC6926A
Download  AC6926A Click to download

File Size   513.02 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6926A Features

AC6926A Datasheet (HTML) - List of Unclassifed Manufacturers


AC6926A Product details

High performance 32-bit RISC CPU
RISC 32-bit CPU
DC-160MHz operation
Support DSP instructions
64Vectored interrupts
4 Levels interrupt priority
Flexible I/O
19 GPIO pins
All GPIO pins can be programmable as input or output individually
All GPIO pins are internal pull-up/pull-down selectable individually
CMOS/TTL level Schmitt triggered input
External wake up/interrupt on all GPIOs
Peripheral Feature
One full speed USB 2.0 OTG controller
One audio interface supports IIS, left adjusted, right adjusted and DSP mode
Four multi-function 16-bit timers, support capture and PWM mode
Three 16-bit PWM generator for motor driving
One 16-bit active parallel port
One full-duplex basic UART
Two full-duplex advanced UART
One SPI interface supports host and device mode
Two SD Card Host controller
One IIC interface supports host and device mode
One SPDIF receiving interface without analog amplify
One Quadrate decoder
Watchdog
1 Crystal Oscillator
16-bit Stereo DAC with headphone amplifier, SNR >= 95dB
1 channel ADC , SNR >= 90dB
1 channel MIC amplifier
2 channels Stereo analog MUX
10 channels 10-bit ADC
2 channels 8 levels Low Voltage Detector
Power-on reset
Embedded PMU support low power mode
Bluetooth Feature
CMOS single-chip fully-integrated radio and baseband
Compliant with Bluetooth V5.0+BR+EDR+BLE specification
Bluetooth Piconet and Scatternet support
Meet class2 and class3 transmitting power requirement
Support GFSK and π/4 DQPSK all paket types
Provides +2dbm transmitting power
receiver with -89dBm sensitivity
Support a2dpavctpavdtpavrcphfpsppsmpattgapgatt
fcommsdpl2cap profile
FM Tuner
Support worldwide frequency band 76-108MHz
Fully integrated digital low-IF tuner & frequency synthesizer
Autonomous search tuning
Digital auto gain control (AGC)
Digital adaptive noise cancellation
Programmable de-emphasis (50/75 uS)
Receive signal strength indicator (RSSI)
Radio search in multi-channel simultaneously
Digital volume control
Power Supply
VBAT is 2.2V to 5.5V
VDDIO is 2.2V to 3.6V
RTCVDD is 2.2V to 3.6V
Packages
QFN32(4mm*4mm)
Temperature
Operating temperature: -20℃ to +70℃
Storage temperature: -65℃ to +150℃




Similar Part No. - AC6926A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC6905A ETC-AC6905A Datasheet
368Kb / 10P
AC6905A Features
V1.2
AC6936D ETC-AC6936D Datasheet
490Kb / 13P
AC6936D Features
Version 1.1
More results


Similar Description - AC6926A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
Features
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
MC9RS08KA8 Features
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
Description Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
FEATURES
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
FEATURES
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
Features/Product Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com