Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6936D Datasheet (PDF) - List of Unclassifed Manufacturers

AC6936D Datasheet PDF - List of Unclassifed Manufacturers
Part # AC6936D
Download  AC6936D Download
File Size   490.37 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6936D Features

AC6936D Datasheet (PDF)

Go To PDF Page Download Datasheet
AC6936D Datasheet PDF - List of Unclassifed Manufacturers

Part # AC6936D
Download  AC6936D Click to download

File Size   490.37 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC6936D Features

AC6936D Datasheet (HTML) - List of Unclassifed Manufacturers


AC6936D Product details

High performance 32-bit RISC CPU
DC-160MHz operation
With 16k read only cache
64Vectored interrupts
8 Levels interrupt priority
Coprocessor with mathematic instructions
Flexible I/O
14 GPIO pins
All GPIO pins can be programmable as input or output individually
All GPIO pins are internal pull-up/pull-down selectable individually
CMOS/TTL level Schmitt triggered input
External wake up/interrupt on all GPIOs in all working conditions
Long press reset on all GPIOs
Peripheral Feature
One full speed USB 2.0 OTG controller
Hardware universal algorithm accelerator for FFT and AEC
Four multi-function 16-bit timers, support capture and PWM mode
Three 16-bit PWM generator for motor driving with automatic stop protection
One full-duplex basic UART
Two full-duplex advanced UART with DMA
One IIC interface supports host and device mode
One Quadrate decoder
One LED light controller
Watchdog
One 12/24Mhz Crystal Oscillator
Hardware Audio algorithm accelerator
16-bit Stereo DAC with headphone amplifier, SNR >= 96dB
1 channels ADC , SNR >= 90dB
1 channel MIC amplifier
3 channels analog MUX
11 channels 10-bit ADC
2 channels 8 levels Low Voltage Detector
Power-on reset
Embedded PMU support low power mode
Integrated Li-ion battery charger,up to supports 200mA fast charging
Communication with TWS headset charging case
Bluetooth Feature
CMOS single-chip fully-integrated radio and baseband
Bluetooth V5.0+BR+EDR+BLE specification
Bluetooth Piconet and Scatternet support
Meet class2 and class3 transmitting power requirement
Support 1M GFSK2M GFSKS2 CODES8 CODEπ/4 DQPSK all paket types
Provides +4dbm transmitting power
receiver with -90dBm sensitivity
Support a2dpavctpavdtpavrcphfpsppsmpattgapgatt fcommsdpl2cap profile
Power Supply
VBAT is 2.2V to 4.2V
VDDIO is 2.2V to 3.6V
Package
QFN32_4x4
Temperature
Operating temperature range: -40℃ to +80℃




Similar Part No. - AC6936D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC6905A ETC-AC6905A Datasheet
368Kb / 10P
AC6905A Features
V1.2
AC6926A ETC-AC6926A Datasheet
513Kb / 13P
AC6926A Features
Version V1.0
More results


Similar Description - AC6936D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
Features
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
MC9RS08KA8 Features
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
Description Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
FEATURES
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
FEATURES
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
Features/Product Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com