Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX450 Datasheet (PDF) - Inchange Semiconductor Company Limited

ZTX450 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ZTX450
Download  ZTX450 Download
File Size   290.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

ZTX450 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX450 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ZTX450
Download  ZTX450 Click to download

File Size   290.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

ZTX450 Datasheet (HTML) - Inchange Semiconductor Company Limited


ZTX450 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 45V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= 0.25V(Max) @IC=150mA
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - ZTX450

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX450 ZETEX-ZTX450 Datasheet
49Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Micro Commercial Compon...
ZTX450 MCC-ZTX450 Datasheet
220Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
logo
Diodes Incorporated
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
logo
Foshan Blue Rocket Elec...
ZTX450 FOSHAN-ZTX450 Datasheet
968Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
ZTX450 JIANGSU-ZTX450 Datasheet
462Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - ZTX450

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com