Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX651 Datasheet (PDF) - Inchange Semiconductor Company Limited

ZTX651 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ZTX651
Download  ZTX651 Download
File Size   312.09 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistor

ZTX651 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX651 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ZTX651
Download  ZTX651 Click to download

File Size   312.09 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistor

ZTX651 Datasheet (HTML) - Inchange Semiconductor Company Limited


ZTX651 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 60V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= 0.3V(Max) @IC= 1A
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - ZTX651

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX651 ZETEX-ZTX651 Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX651 DIODES-ZTX651 Datasheet
73Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
ZTX651 DIODES-ZTX651 Datasheet
345Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZTX651Q DIODES-ZTX651Q Datasheet
345Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZTX651QSTZ DIODES-ZTX651QSTZ Datasheet
345Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
More results


Similar Description - ZTX651

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com