Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP51V Datasheet (PDF) - Micrel Semiconductor

SY10EP51V Datasheet PDF - Micrel Semiconductor
Part # SY10EP51V
Download  SY10EP51V Download
File Size   498.57 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK

SY10EP51V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP51V Datasheet PDF - Micrel Semiconductor

Part # SY10EP51V
Download  SY10EP51V Click to download

File Size   498.57 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK

SY10EP51V Datasheet (HTML) - Micrel Semiconductor


SY10EP51V Product details

DESCRIPTION
The SY10EP51V is a D flip-flop with reset and differential clock. The device is pin and functionally equivalent to the EL51 device.
The reset input is an asynchronous, level triggered signal. Data enters the master portion of the flip-flop when CLK is LOW and is transferred to the slave, and thus the outputs, upon a positive transition of the CLK. The differential clock inputs of the EP51V allow the device to be used as a negative edge triggered flip-flop.

FEATURES
■ 3.3V and 5V power supply options
■ 320ps typical propagation delay
■ Maximum frequency > 3GHz typical
■ 75KΩ internal input pulldown resistor
■ Transistor count: 143
■ Available in 8-Pin (3mmx3mm) MSOP, SOIC and MLF® (2mmx2mm) packages




Similar Part No. - SY10EP51V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKC MICREL-SY10EP51VKC Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKCTR MICREL-SY10EP51VKCTR Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKG MICREL-SY10EP51VKG Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKGTR MICREL-SY10EP51VKGTR Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results


Similar Description - SY10EP51V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com