Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP52V Datasheet (PDF) - Micrel Semiconductor

SY10EP52V Datasheet PDF - Micrel Semiconductor
Part # SY10EP52V
Download  SY10EP52V Download
File Size   117.59 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP

SY10EP52V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP52V Datasheet PDF - Micrel Semiconductor

Part # SY10EP52V
Download  SY10EP52V Click to download

File Size   117.59 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP

SY10EP52V Datasheet (HTML) - Micrel Semiconductor


SY10EP52V Product details

DESCRIPTION
The SY10EP52V is a differential data, differential clock D flip-flop. The device is functionally equivalent to the EL52 device.
Data enters the master portion of the flip-flop when CLK is LOW and is transferred to the slave, and thus the outputs, upon a positive transition of the CLK. The differential clock inputs of the EP52V allow the device to be used as a negative edge triggered flip-flop
The EP52V employs input clamping circuitry so that under open input condition (pulled down to VEE) the outputs of the device will remain stable.

FEATURES
■ Guaranteed maximum frequency >4GHz
■ Guaranteed <410ps propagation delay over temperature
■ 3.3V and 5V power supply options
■ 75Ω internal input pulldown resistor
■ Wide operating temperature range: –40°c to +85°C
■ Available in 8-Pin (3mm) MSOP and SOIC package




Similar Part No. - SY10EP52V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKC MICREL-SY10EP51VKC Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKC MICREL-SY10EP51VKC Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51VKCTR MICREL-SY10EP51VKCTR Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results


Similar Description - SY10EP52V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com