Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL29V Datasheet (PDF) - Micrel Semiconductor

SY100EL29V Datasheet PDF - Micrel Semiconductor
Part # SY100EL29V
Download  SY100EL29V Download
File Size   65.01 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET

SY100EL29V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL29V Datasheet PDF - Micrel Semiconductor

Part # SY100EL29V
Download  SY100EL29V Click to download

File Size   65.01 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET

SY100EL29V Datasheet (HTML) - Micrel Semiconductor


SY100EL29V Product details

DESCRIPTION
The SY100EL29V is a dual differential register with differential data (inputs and outputs) and clock. The registers are triggered by a positive transition of the positive clock (CLK) input. A HIGH on the Reset (Rx) asynchronously resets the appropriate register so that the Q outputs go LOW. A HIGH on the Set (Sx) asynchronously resets the appropriate register so that the Q outputs go HIGH. The Set and Reset inputs cannot both be HIGH simultaneously.

FEATURES
■ 3.3V and 5V power supply option
■ Differential D, CLK and Q
■ Extended VEE range of –3.0V to –5.5V
■ VBB output for single-ended use
■ 1100MHz min. toggle frequency
■ Asynchronous Reset and Set
■ Fully compatible with Motorola MC100LVEL29 and MC100EL29
■ Available in 20-pin SOIC package




Similar Part No. - SY100EL29V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
SY100EL29VZC MICREL-SY100EL29VZC Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
SY100EL29VZCTR MICREL-SY100EL29VZCTR Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
SY100EL29VZG MICREL-SY100EL29VZG Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
SY100EL29VZGTR MICREL-SY100EL29VZGTR Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
More results


Similar Description - SY100EL29V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY100EL29V MICREL-SY100EL29V_06 Datasheet
59Kb / 5P
5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCKD FLIP-FLOP w/SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com