Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702 Datasheet (PDF) - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet PDF - Bouffalo Lab Intelligent Technology Co., Ltd.
Part # BL702
Download  BL702 Download
File Size   1348.49 Kbytes
Page   47 Pages
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.
Description BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.

BL702 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL702 Datasheet PDF - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Download  BL702 Click to download

File Size   1348.49 Kbytes
Page   47 Pages
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.
Description BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.

BL702 Datasheet (HTML) - Bouffalo Lab Intelligent Technology Co., Ltd.


BL702 Product details

Features
• Wireless
– 2.4 GHz RF transceiver
– Bluetooth® Specification v5.0
– Bluetooth® Low Energy 1Mbps and 2Mbps
– Bluetooth® Long Range Coded 500Kbps
and 125Kbps
– Zigbee 3.0, Base Device Behavior, Core Stack
R21, Green Power
– IEEE 802.15.4 MAC/PHY
– Support BLE/zigbee coexistence
– Integrated balun, PA/LNA
• MCU Subsystem
– 32-bit RISC CPU with FPU
– Level-1 cache
– One RTC timer update to one year
– Two 32-bit general purpose timers
– Eight DMA channels
– CPU frequency configurable from 1MHz to
144MHz
– JTAG development support
– XIP QSPI Flash/pSRAM with hardware encryption
support
• Memory
– 132KB RAM
– 192KB ROM
– 1Kb eFuse
– Embedded Flash (optional)
– Embedded pSRAM (BL704/BL706,optional)
Security
– Secure boot
– Secure debug ports
– QSPI Flash On-The-Fly AES Decryption (OTFAD)
- AES-128, CTR+ mode
– Support AES 128/192/256 bits
– Support MD5, SHA-1/224/256/384/512
– Support TRNG (True Random Number Generator)
– Support PKA (Public Key Accelerator)
Peripheral
– USB2.0 FS (Full-Speed) device interface
– IR remote control interface
– One SPI master/slave
– Two UARTs
Support ISO 17987(Local Interconnect Network)
– One I2C master
– One I2S master/slave
– Five PWM channels
– Quadrature decoder
– Key-Scan-Matrix interface
– 12-bit general ADC
– 10-bit general DAC
– PIR (Passive Infra-Red) detection
– Ethernet RMII interface(BL704/BL706)
– Camera interface(BL706)
– 15(BL702)/23(BL704)/31(BL706) Flexible GPIOs
(flexible)
Power Management
– Active CPU
– Idle
– Power Down Sleep (flexible)
– Hibernate
– Off
– Active Rx
– Active Tx
• Clock
– External main clock XTAL 32MHz
– External low power consumption and the RTC
clock XTAL 32/32.768kHz
– Internal RC 32kHz oscillator
– Internal RC 32MHz oscillator
– Internal System PLL
– Internal Audio PLL




Similar Part No. - BL702

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
BL7080X AMP-BL7080X Datasheet
73Kb / 4P
Si-100 Motor Control
More results


Similar Description - BL702

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX2411N SKYWORKS-RFX2411N Datasheet
983Kb / 9P
2.4 GHz TX / RX Booster With Diversity Switch for IoT / BLE / ZigBee
logo
Taoglas antenna solutio...
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001 Datasheet
13Mb / 62P
Ideal for IoT and Automotive Applications
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
Ideal for IoT and Automotive Applications
logo
Texas Instruments
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25122 TI1-BQ25122 Datasheet
2Mb / 70P
Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
logo
Johanson Technology Inc...
0900DP15A2450 JOHANSON-0900DP15A2450 Datasheet
143Kb / 3P
900MHz / 2.4GHz SMD Diplexer for IoT, BLE, WiFi, Zigbee, LPWAN, Home Automation, and Smart Readers.
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com