Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702 Datasheet(PDF) 2 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 2 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

  BL702 Datasheet HTML 1Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 2Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 3Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 4Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 5Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
BL702/704/706 Datasheet
Features
• Wireless
– 2.4 GHz RF transceiver
– Bluetooth® Specification v5.0
– Bluetooth® Low Energy 1Mbps and 2Mbps
– Bluetooth® Long Range Coded 500Kbps
and 125Kbps
– Zigbee 3.0, Base Device Behavior, Core Stack
R21, Green Power
– IEEE 802.15.4 MAC/PHY
– Support BLE/zigbee coexistence
– Integrated balun, PA/LNA
• MCU Subsystem
– 32-bit RISC CPU with FPU
– Level-1 cache
– One RTC timer update to one year
– Two 32-bit general purpose timers
– Eight DMA channels
– CPU frequency configurable from 1MHz to
144MHz
– JTAG development support
– XIP QSPI Flash/pSRAM with hardware encryp-
tion support
• Memory
– 132KB RAM
– 192KB ROM
– 1Kb eFuse
– Embedded Flash (optional)
– Embedded pSRAM (BL704/BL706,optional)
• Security
– Secure boot
– Secure debug ports
– QSPI Flash On-The-Fly AES Decryption (OTFAD)
- AES-128, CTR+ mode
– Support AES 128/192/256 bits
– Support MD5, SHA-1/224/256/384/512
– Support TRNG (True Random Number Genera-
tor)
– Support PKA (Public Key Accelerator)
• Peripheral
– USB2.0 FS (Full-Speed) device interface
– IR remote control interface
– One SPI master/slave
– Two UARTs
Support ISO 17987(Local Interconnect Network)
– One I2C master
– One I2S master/slave
– Five PWM channels
– Quadrature decoder
– Key-Scan-Matrix interface
– 12-bit general ADC
– 10-bit general DAC
– PIR (Passive Infra-Red) detection
– Ethernet RMII interface(BL704/BL706)
– Camera interface(BL706)
BL702/704/706 Datasheet
2/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com