Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702 Datasheet(PDF) 13 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 13 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
BL702/704/706 Datasheet
Table 2.2: Memory Map
Module
Base Address
Size
Description
ROM
0x21000000
192KB
Read-only memory
2.6 Interrupt
BL702/BL704/BL706 supports internal RTC wake-up and external GPIO interrupts wake-up.
The CPU interrupt controller supports a total of 64 maskable interrupt trigger sources including UART interrupt, I2C
interrupt, SPI interrupt, timer interrupt, DMA interrupt, etc. All I/O pins can be configured as external interrupt input
mode. The external interrupt supports four trigger types: high level trigger, low level trigger, rising edge trigger and
falling edge trigger.
2.7 Boot
BL702/BL704/BL706 supports multiple boot options: UART, USB, and Flash.
2.8 Power
PMU (power management unit) manages the power of the entire chip and is divided into running, idle, sleep, hiber-
nation and power off modes. The software can be configured to enter sleep mode and wake-up via RTC timer or EINT to
achieve low-power sleep and accurate wake-up management.
Power down sleep modes are flexible for applications to configure as the lowest power consumption.
2.9 Clock
Clock control unit generates clocks to the core MCU and the peripheral SOC devices. The root clock source can be
XTAL, PLL or RC oscillator. Dynamic power-saved by proper configurations such as sel, div, en, etc. PMU runs at
32KHz clock to keep system low-power in sleep mode.
BL702/704/706 Datasheet
13/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com