Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3223 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3223 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3223
Download  AAT3223 Download
File Size   153.45 Kbytes
Page   17 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 250mA NanoPower??LDO Linear Regulator with Power-OK

AAT3223 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3223 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3223
Download  AAT3223 Click to download

File Size   153.45 Kbytes
Page   17 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 250mA NanoPower??LDO Linear Regulator with Power-OK

AAT3223 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3223 Product details

General Description
The AAT3223 PowerLinear NanoPower low dropout (LDO) linear regulator is ideal for portable applications where extended battery life is critical. This device features extremely low quiescent current, typically 1.1µA. Dropout voltage is also very low, typically 190mV at 100mA. The AAT3223 has an enable pin which, when pulled low, will put the LDO regulator into shutdown mode, removing power from its load and offering extended power conservation capabilities for portable battery-powered applications. The AAT3223 also has a PowerOK (POK) feature which monitors the LDO output voltage and will alert the system if the output falls out of regulation.

Features
• 1.1µA Quiescent Current
• 250mA Output Current
• Low Dropout: 190mV (typical)
• High Accuracy: ±2%
• Current Limit Protection
• Over-Temperature Protection
• Extremely Low Power Shutdown Mode
• Low Temperature Coefficient
• Stable Operation With Virtually Any Output Capacitor Type
• Power-OK Signal Output
• Active High Enable Pin
• 4kV ESD
• Factory-Programmed Output Voltages
• 6-pin SOT23 Package

Applications
• Cellular Phones
• Digital Cameras
• Handheld Electronics
• Notebook Computers
• PDAs
• Portable Communication Devices
• Remote Controls




Similar Part No. - AAT3223

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
AAT3223 ANALOGICTECH-AAT3223 Datasheet
153Kb / 17P
250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Skyworks Solutions Inc.
AAT3223 SKYWORKS-AAT3223 Datasheet
1Mb / 15P
250mA NanoPowerTM LDO Linear Regulator with Power-OK
August 8, 2012
logo
Advanced Analogic Techn...
AAT3223IGU-1.8-T1 ANALOGICTECH-AAT3223IGU-1.8-T1 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
AAT3223IGU-1.8-T1 ANALOGICTECH-AAT3223IGU-1.8-T1 Datasheet
153Kb / 17P
250mA NanoPower??LDO Linear Regulator with Power-OK
More results


Similar Description - AAT3223

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223_06 Datasheet
153Kb / 17P
250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
250mA Linear Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com