Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3236 Datasheet (PDF) - Advanced Analog Technology, Inc.

AAT3236 Datasheet PDF - Advanced Analog Technology, Inc.
Part # AAT3236
Download  AAT3236 Download
File Size   231.98 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 300mA CMOS High Performance LDO

AAT3236 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3236 Datasheet PDF - Advanced Analog Technology, Inc.

Part # AAT3236
Download  AAT3236 Click to download

File Size   231.98 Kbytes
Page   18 Pages
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.
Description 300mA CMOS High Performance LDO

AAT3236 Datasheet (HTML) - Advanced Analog Technology, Inc.


AAT3236 Product details

General Description
The AAT3236 is a MicroPower low dropout (LDO) linear regulator designed to deliver a continuous 300mA output load current and is capable of handling short duration current peaks up to 500mA. With a very small footprint SOT23-5 package, it is ideally suited for portable applications where low noise, high power supply ripple rejection (PSRR), extended battery life, and small size are critical. The AAT3236 features fast transient response and low output self noise for powering sensitive RF circuitry. Other features include low quiescent current, typically 100µA, and low dropout voltage, typically 300mV at full output load current. The device has internal output short-circuit protection and thermal shutdown to prevent damage under extreme conditions.

Features
• 500mA Peak Output Current
• Low Dropout - Typically 300mV at 300mA
• Guaranteed 300mA Output
• High Accuracy: ±1.5%
• 100µA Quiescent Current
• High Power Supply Ripple Rejection
    — 70dB at 1kHz
    — 50dB at 10kHz
• Very Low Self Noise: 45µVrms
• Noise Reduction Bypass Capacitor
• Short-Circuit Protection
• Over-Temperature Protection
• Shutdown Mode for Longer Battery Life
• Low Temperature Coefficient
• Nine Factory-Programmed Output Voltages
• SOT23 5-Pin or SC70JW 8-Pin Package

Applications
• Cellular Phones
• Notebook Computers
• Personal Portable Electronics
• Portable Communication Devices




Similar Part No. - AAT3236

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Skyworks Solutions Inc.
AAT3236 SKYWORKS-AAT3236 Datasheet
1Mb / 15P
300mA CMOS High Performance LDO
August 9, 2012
logo
Advanced Analogic Techn...
AAT3236IGV-2.5-T1 ANALOGICTECH-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Skyworks Solutions Inc.
AAT3236IGV-2.5-T1 SKYWORKS-AAT3236IGV-2.5-T1 Datasheet
1Mb / 15P
300mA CMOS High Performance LDO
August 9, 2012
More results


Similar Description - AAT3236

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
300mA CMOS High Performance LDO
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com