Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3236 Datasheet (PDF) - Advanced Analogic Technologies

AAT3236 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3236
Download  AAT3236 Download
File Size   448.11 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA CMOS High Performance LDO

AAT3236 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3236 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3236
Download  AAT3236 Click to download

File Size   448.11 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA CMOS High Performance LDO

AAT3236 Datasheet (HTML) - Advanced Analogic Technologies


AAT3236 Product details

General Description
The AAT3236 is a MicroPower low dropout (LDO) linear regulator designed to deliver a continuous 300mA output load current and is capable of handling short duration current peaks up to 500mA. With a very small footprint SOT23-5 package, it is ideally suited for portable applications where low noise, high power supply ripple rejection (PSRR), extended battery life, and small size are critical.

Features
• 500mA Peak Output Current
• Low Dropout - Typically 300mV at 300mA
• Guaranteed 300mA Output
• High Accuracy: ±1.5%
• 100µA Quiescent Current
• High Power Supply Ripple Rejection
    — 70dB at 1kHz
    — 50dB at 10kHz
• Very Low Self Noise: 45µVrms
• Noise Reduction Bypass Capacitor
• Short-Circuit Protection
• Over-Temperature Protection
• Shutdown Mode for Longer Battery Life
• Low Temperature Coefficient
• Nine Factory-Programmed Output Voltages
• SOT23 5-Pin or SC70JW 8-Pin Package

Applications
• Cellular Phones
• Notebook Computers
• Personal Portable Electronics
• Portable Communication Devices




Similar Part No. - AAT3236

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Skyworks Solutions Inc.
AAT3236 SKYWORKS-AAT3236 Datasheet
1Mb / 15P
300mA CMOS High Performance LDO
August 9, 2012
logo
Advanced Analog Technol...
AAT3236IGV-2.5-T1 AAT-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236IGV-2.5-T1 ANALOGICTECH-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
More results


Similar Description - AAT3236

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com