Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3236 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3236
Description  300mA CMOS High Performance LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3236 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3236 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3236 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3236
300mA CMOS High Performance LDO
Typical Application
AAT3236
IN
EN
BYP
VIN
VOUT
GND
GND
GND
OUT
ON/OFF
2.2
µF
10nF
1
µF
3236.2001.11.0.9
1
PowerLinear™
General Description
The AAT3236 is a MicroPower™ Low Dropout
Linear Regulator designed to deliver a continuous
300mA output load current and is capable of han-
dling short duration current peaks up to 500mA.
With a very small footprint SOT23-5 package it is
ideally suited for portable applications where low
noise, high power supply ripple rejection, extended
battery life and small size are critical. The AAT3236
features fast transient response and low output self
noise for powering sensitive RF circuitry. Other fea-
tures include low quiescent current, typically
100µA, and low dropout voltage, typically 300mV at
full output load current. The device has internal out-
put short circuit protection and thermal shutdown to
prevent damage under extreme conditions.
The AAT3236 also features a low-power shutdown
mode for longer battery life. A bypass pin is pro-
vided to improve PSRR performance by connect-
ing an external capacitor from the AAT3236's refer-
ence output to ground.
The AAT3236 is available in a space saving
SOT23-5 or SC70JW-8 package in 7 factory pro-
grammed voltages of 2.5V, 2.7V, 2.8V, 2.85V, 3.0V,
3.3V, or 3.5V.
Features
•
500mA Peak Output Current
•
Low Dropout - Typically 300mV at 300mA
•
Guaranteed 300mA Output
•
High accuracy ±1.5%
•
100µA Quiescent Current
•
High Power Supply Ripple Rejection
•
70 dB at 1kHz
•
50 dB at 10kHz
•
Very low self noise 45µVrms/rtHz
•
Noise reduction bypass capacitor
•
Short circuit protection
•
Over-Temperature protection
•
Shutdown mode for longer battery life
•
Low temperature coefficient
•
7 Factory programmed output voltages
•
SOT-23 5-pin or SC70JW 8-pin package
Applications
•
Cellular Phones
•
Notebook Computers
•
Portable Communication Devices
•
Personal Portable Electronics


Similar Part No. - AAT3236

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Skyworks Solutions Inc.
AAT3236 SKYWORKS-AAT3236 Datasheet
1Mb / 15P
300mA CMOS High Performance LDO
August 9, 2012
logo
Advanced Analog Technol...
AAT3236IGV-2.5-T1 AAT-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236IGV-2.5-T1 ANALOGICTECH-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
More results

Similar Description - AAT3236

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
3236.2007.03.1.4
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
300mA CMOS High Performance LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com