Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9293 Datasheet (PDF) - Richtek Technology Corporation

RT9293 Datasheet PDF - Richtek Technology Corporation
Part # RT9293
Download  RT9293 Download
File Size   267.4 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Small Package, High Performance, Asynchronies Boost for 10 WLED Driver

RT9293 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9293 Datasheet PDF - Richtek Technology Corporation

Part # RT9293
Download  RT9293 Click to download

File Size   267.4 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Small Package, High Performance, Asynchronies Boost for 10 WLED Driver

RT9293 Datasheet (HTML) - Richtek Technology Corporation


RT9293 Product details

Features
VIN Operating Range : 2.5V to 5.5V
Internal Power N-MOSFET Switch
Wide Range for PWM Dimming (100Hz to200kHz)
Minimize the External Component Counts
Internal Soft Start
Internal Compensation
Under Voltage Protection
Over Voltage Protection
Over Temperature Protection
Small TSOT-23-6 and 8-Lead WDFN Packages
RoHS Compliant and Halogen Free

Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones and MP3 and OLED.
Portable Instruments




Similar Part No. - RT9293

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT9201GQV RICHTEK-RT9201GQV Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT9201PQV RICHTEK-RT9201PQV Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results


Similar Description - RT9293

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2586 EUTECH-EUP2586 Datasheet
80Kb / 1P
Small Package, High Performance, Asynchronies Boost for WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
SHENZHEN FUMAN ELECTRON...
A4117 FUMAN-A4117 Datasheet
152Kb / 4P
Small package high performance asynchronous boost white LED driver
logo
Shenzhen Huazhimei Semi...
HM5666A HMSEMI-HM5666A Datasheet
270Kb / 7P
Small Package, High Performance, Asynchronies Boost
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
AiT Semiconductor Inc.
A8160A-030 AITSEMI-A8160A-030 Datasheet
735Kb / 14P
LED BACKLIGHT DRIVER ASYNCHRONIES BOOST FOR 10WLED DRIVER
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com