Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRVR Datasheet (PDF) - Texas Instruments

TPS92201AMDRVR Datasheet PDF - Texas Instruments
Part # TPS92201AMDRVR
Download  TPS92201AMDRVR Download
File Size   3032.59 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver

TPS92201AMDRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92201AMDRVR Datasheet PDF - Texas Instruments

Part # TPS92201AMDRVR
Download  TPS92201AMDRVR Click to download

File Size   3032.59 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver

TPS92201AMDRVR Datasheet (HTML) - Texas Instruments


TPS92201AMDRVR Product details

1 Features
• 2.5-V to 5.5-V input voltage range
• 1.5-A constant output current
• Up to 95% efficiency
• 0.1-μA shutdown current
• 220-mΩ (HS) / 170-mΩ (LS) MOSFETs
• Up to 100% switching duty cycle
• 1.5-MHz switching frequency
• Force PWM mode for low output ripple
(TPS92201)
• Power save mode for high efficiency in light load
(TPS92201A)
• 0.6-V to VIN output voltage range
• 100mV feedback regulation voltage
• 1% to 100% analog dimming with high accuracy
• 20-kHz to 200-kHz PWM input frequency
• Internal soft startup
• Full protection with over current, LED open/short,
FB resistor open/short
• Thermal shutdown protection
• Available in WSON-6 package

2 Applications
• Test and measurement
• Power delivery
• Building automation
– Smart home camera
– Video doorbell
– IP camera
– Smart doorlock
– Flashlight

3 Description
The TPS92201 is a high-efficiency 1.5-A synchronous
buck-type LED driver with 2.5-V to 5.5-V input range.
By integrating the high-side and low-side MOSFET,
high efficiency and compact solution size can be
achieved. The ultra-low 1-μA shutdown current helps
saving power in battery-powered applications.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201. To get the smallest output
ripple, the device operates at typically 1.5-MHz pulse
width modulation (PWM) mode in full current range.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201A. At medium to heavy load,
the device operates in pulse width modulation (PWM)
mode with 1.5-MHz switching frequency. At light
load, the device automatically enters pulse frequency
modulation (PFM) to maintain high efficiency over the
entire load current range.
The integrated switches have the capability to deliever
up to 1.5-A constant current. Analog dimming is
achieved by adjusting the duty cycle of the PWM input
with 1% to 100% range. 20kHz to 200kHz input PWM
frequency can be supported to avoid audible noise.
For safety and protection, the TPS92201 device
implement full protections, including LED open, LED
short, FB resistor open, FB resistor short and thermal
shutdown.




Similar Part No. - TPS92201AMDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92201AMDRVR TI-TPS92201AMDRVR Datasheet
3Mb / 30P
TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
AUGUST 2024
More results


Similar Description - TPS92201AMDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI-UCC27223 Datasheet
538Kb / 30P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
logo
ON Semiconductor
NCV78713 ONSEMI-NCV78713 Datasheet
284Kb / 31P
High Efficiency Buck Single LED Driver
November, 2015 ??Rev. 1
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
1.5 A High-Efficiency Synchronous Switching Regulator
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
ON Semiconductor
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com