Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRVR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS92201AMDRVR Datasheet HTML 1Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 2Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Device Comparison Table
PART NUMBER
MATERIAL
POWER SAVE MODE
PACKAGE
TPS92200
TPS92201DRVR
No
WSON-6
TPS92201MDRVR(1)
No
TPS92201A
TPS92201ADRVR
Yes
TPS92201AMDRVR(1)
Yes
(1)
Extended Temperature devices, supporting –55°C to approximately 125°C operating ambient temperature.
www.ti.com
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com