Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201AMDRVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 10Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7 Detailed Description
7.1 Overview
The TPS92201 is a high-efficiency 1.5-A synchronous buck-type LED driver with 2.5-V to 5.5-V input range. The
device operates at typically 1.5-MHz pulse width modulation (PWM) mode in full current range. In additional,
TPS92201A can support Power Save Mode, the device operates in pulse width modulation (PWM) mode with
1.5-MHz switching frequency at heavy load, similar as TPS92201. But at light load, the device automatically
enters pulse frequency modulation (PFM) to maintain high efficiency over the entire load current range. In Power
Save Mode, the converter reduces switching frequency and minimizes current consumption, the output voltage
rises slightly above the nominal output voltage. This effect is minimized by increasing the output capacitor.
The integrated switches for both deivces have the capability to deliever up to 1.5-A constant current and no need
for external Schottky diode. Analog dimming is achieved by adjusting the duty cycle of the PWM in 1% to 100%
range. Full protection methods are implemented including LED open, LED short, FB resistor open, FB resistor
short and thermal shutdown.
7.2 Functional Block Diagram
UVLO
Modulator
SW
Soft
Startup
Gate
Driver
-
+
VREF
Control Logic
EA
VIN
GND
FB
Dimming Control
Peak
Current
Detect
EN
Thermal
Shutdown
PWM
Zero
Current
Detect
TOFF
VIN
VSW
Figure 7-1. TPS92201 Functional Block Diagram
7.3 Feature Description
7.3.1 Adaptive Off-time Control
Adaptive off-time with peak current control scheme is used in the device. The device operates at typically
1.5-MHz pulse width modulation (PWM) mode in full current range. At medium to heavy load, the device
operates in pulse width modulation (PWM) mode with 1.5-MHz switching frequency. At light load, the device
automatically enters pulse frequency modulation (PFM) to maintain high efficiency over the entire load current
range. Based on the VIN/VOUT ratio, a simple circuit sets the required off time for the low-side MOSFET. The
switching frequency relatively constant regardless of the variation of input voltage, output voltage, and load
current.
7.3.2 Power Save Mode
TPS92201A automatically enters Power Save Mode to improve efficiency at light load when the inductor current
becomes discontinuous. In Power Save Mode, the converter reduces switching frequency and minimizes current
consumption. In Power Save Mode, the output voltage rises slightly above the nominal output voltage. This
effect is minimized by increasing the output capacitor.
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com