Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809A Datasheet (PDF) - Hammond Manufacturing Ltd.

809A Datasheet PDF - Hammond Manufacturing Ltd.
Part # 809A
Download  809A Download
File Size   208.96 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Audio Broadcast Quality 800A Series

809A Datasheet (PDF)

Go To PDF Page Download Datasheet
809A Datasheet PDF - Hammond Manufacturing Ltd.

Part # 809A
Download  809A Click to download

File Size   208.96 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Audio Broadcast Quality 800A Series

809A Datasheet (HTML) - Hammond Manufacturing Ltd.


809A Product details

Features
Deep-drawn steel case with tin plated finish, with two convenient 6-32 mounting studs
with hardware.
Includes wire leads (minimum length of 4").
Frequency response +/- 0.5 db max. from 50 Hz. to 15 Khz.
Insertion loss of apx. 1 db.
Maximum power level +15 dbm. (except 841A, 842A & 844A which are +20 dbm) with
specified characteristics, or higher levels with reduced low frequency performance.
Electrostatic shield between pri. & sec.
Humbucking construction
Balanced split windings on pri. & sec. for circuit versatility. Primary may be used as a
secondary and vice versa for impedance matching.
Overall dimensions 1.75" (44.5 mm) wide x 1.25" (31.8 mm) deep x 2.56" (65 mm) high
max.
Shipping weight 0.5 lb. (0.2 kg)




Similar Part No. - 809A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-001 GLENAIR-809-001 Datasheet
137Kb / 1P
Electrical Pin Contact
809-002 GLENAIR-809-002 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
Electrical Socket Contact
logo
Dialight Corporation
809-0331-500 DIALIGHT-809-0331-500 Datasheet
792Kb / 3P
PRESS-TO-TEST INDICATORS
More results


Similar Description - 809A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Faraday Technology
AH854 FARADAY-AH854 Datasheet
46Kb / 2P
FULLY BUFFERED BROADCAST QUALITY HYBRID VIDEO FILTER
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
PCI Express Broadcast Audio/Video
logo
General Cable Technolog...
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
Audio/Video & Broadcast Cable
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
Audio/Video & Broadcast Cable
C1343A GENERAL-C1343A Datasheet
75Kb / 1P
Audio/Video & Broadcast Cable
logo
Switchcraft, Inc.
25AF25X SWITCH-25AF25X Datasheet
6Mb / 102P
Pro Audio & Broadcast Catalog
25AN25X SWITCH-25AN25X Datasheet
6Mb / 102P
Pro Audio & Broadcast Catalog
logo
List of Unclassifed Man...
TT253NC ETC1-TT253NC Datasheet
6Mb / 101P
Pro Audio & Broadcast Catalog
logo
Hammond Manufacturing L...
560 HAMMOND-560 Datasheet
193Kb / 2P
Audio Broadcast Quality
11/18/23, 7:51 AM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com