Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809A Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 809A
Description  Audio Broadcast Quality 800A Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

809A Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  809A Datasheet HTML 1Page - Hammond Manufacturing Ltd. 809A Datasheet HTML 2Page - Hammond Manufacturing Ltd. 809A Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3/1/22, 7:09 PM
Audio Broadcast Quality (800A Series) - Hammond Mfg.
https://www.hammfg.com/electronics/transformers/audio/800a
2/3
Part No.
Application
Nominal Impedance
Max. Primary D.C.
(Ohms)
Unbalanced Current
Primary
Secondary
(ma.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com