Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809A Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 809A
Description  Audio Broadcast Quality 800A Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

809A Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  809A Datasheet HTML 1Page - Hammond Manufacturing Ltd. 809A Datasheet HTML 2Page - Hammond Manufacturing Ltd. 809A Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/1/22, 7:09 PM
Audio Broadcast Quality (800A Series) - Hammond Mfg.
https://www.hammfg.com/electronics/transformers/audio/800a
3/3
Data subject to change without notice
Part No.
Application
Nominal Impedance
Max. Primary D.C.
(Ohms)
Unbalanced Current
Primary
Secondary
(ma.)
801A
Isolating, Matching
*50/200
50/200
0.8
802A
Isolating, Matching
*50/200 (60/240)
125/500 (150/600)
0.8
804A
Isolating, Matching, Hybrid
*125/500 (150/600)
125/500 (150/600)
0.5
806A
Dynamic MIC or Voice Coil to Grid
*7.5/30
10K/40K
1.6
807A
Dynamic MIC or Voice Coil to Base
*7.5/30
600/2400
1.6
808A
MIC or Mixer to Single or P.P. Grid
*50/200
10000/40000
0.6
809A
MIC to Mixer to Base
*50/200
600/2400
0.6
812A
Line or 150 ohm MIC to 1 or 2 Grids
*125/500 (150/600)
10K/40K (12K/48K)
0.4
813A
Line or 150 ohm MIC to Base
*125/500 (150/600)
600/2400 (720/2880)
0.4
832A
Interstage (ratio 1:2)
5K/20K
20K/80K
0
834A
Interstage (ratio 1:4)
5K/20K
10K/40K
0
835A
Interstage (ratio 1:1)
10K/40K
10K/40K
0
841A
** P.P. Plates to Line
5K/20K
50/200
0
842A
** P.P. Plates to Line
5K/20K (6K/24K)
125/500 (150/600)
0
844A
** P.P. Plates to Line
10K/40K (12K/48K)
125/500 (150/600)
0
* Electrostatic shield between primary & secondary ** Single plate requires parallel feed. When operating at impedances below nominal, power capability is lower and
the frequency spectrum is shifted downward, conversely, at higher impedances power capability and frequency spectrum will be shifted upward.
© 2022. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com