Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393 Datasheet (PDF) - Diodes Incorporated

AP393 Datasheet PDF - Diodes Incorporated
Part # AP393
Download  AP393 Download
File Size   288.67 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AP393 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP393 Datasheet PDF - Diodes Incorporated

Part # AP393
Download  AP393 Click to download

File Size   288.67 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AP393 Datasheet (HTML) - Diodes Incorporated


AP393 Product details

General Description

The AP393 consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0mV max for two comparators which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground, even though operated from a single power supply voltage.

Application areas include limit comparators, simple analog to digital converters; pulse, squarewave and time delay generators; wide range VCO; MOS clock timers; multivibrators and high voltage digital logic gates. The AP393 is designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the AP393 will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators.



Features

• Wide supply

   Voltage range: 2.0V to 36V

   Single or dual supplies: ±1.0V to ±18V

• Very low supply current drain (0.4mA) – independent of supply voltage

• Low input biasing current: 25nA

• Low input offset current: ±5nA

• Maximum offset voltage: ±3mV

• Input common-mode voltage range includes ground

• Differential input voltage range equal to the power supply voltage

• Low output saturation voltage: 250mV at 4mA

• Output voltage compatible with TTL, DTL, ECL, MOS and CMOS logic systems

• SOP-8L, PDIP-8L package

• SOP-8L: Available in “Green” Molding Compound (No Br, Sb) (Note 1)

• Lead Free Finish/RoHS Compliant for Lead Free and “Green” Products (Note 2)



Applications

• High precision comparators

• Reduced VOS drift over temperature

• Eliminates need for dual supplies

• Allows sensing near ground

• Compatible with all forms of logic

• Power drain suitable for battery operation



 




Similar Part No. - AP393

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP393 ANACHIP-AP393 Datasheet
260Kb / 13P
Low Power Low Offset Voltage Dual Comparators
Rev. 1.0 Sep 7, 2004
logo
Diodes Incorporated
AP393 DIODES-AP393 Datasheet
189Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP39303 DIODES-AP39303 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP39303S16-13 DIODES-AP39303S16-13 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP393A DIODES-AP393A Datasheet
302Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393A Rev. 7
More results


Similar Description - AP393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com