Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP34063 Datasheet (PDF) - Diodes Incorporated

AP34063 Datasheet PDF - Diodes Incorporated
Part # AP34063
Download  AP34063 Download
File Size   207.19 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description UNIVERSAL DC/DC CONVERTER

AP34063 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP34063 Datasheet PDF - Diodes Incorporated

Part # AP34063
Download  AP34063 Click to download

File Size   207.19 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description UNIVERSAL DC/DC CONVERTER

AP34063 Datasheet (HTML) - Diodes Incorporated


AP34063 Product details

Description
The AP34063 Series is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series is specifically designed for incorporating in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external components.

Features
• Operation from 3.0V to 40V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.6A
• Output Voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
• Lead Free packages: SOP-8L and PDIP-8L
• SOP-8L: Available in “Green” Molding Compound(No Br, Sb)
• Lead Free Finish/RoHS Compliant




Similar Part No. - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
Anachip Corp
AP34063A ANACHIP-AP34063A Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
AP34063CN8 ANACHIP-AP34063CN8 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
More results


Similar Description - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
UNIVERSAL DC/DC CONVERTER
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com