Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP34063 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
3 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( V
CC = 5.0V, unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VPin 5 = 0V, CT = 1.0nF, TA = 25°C)
fosc
24
33
42
kHz
Charge Current (VCC = 5.0V to 40V, TA = 25°C)
Ichg
24
30
42
µ
A
Discharge Current (VCC = 5.0V to 40V, TA = 25°C)
Idischg
140
200
260
µ
A
Discharge to Charge Current Ratio (Pin 7 to VCC, TA = 25°C)
Idischg / Ichg
5.2
6.5
7.5
-
Current Limit Sense Voltage (Ichg = Idischg, TA = 25°C)
Vipk (sense)
300
400
450
mV
OUTPUT SWITCH (Note 3)
Saturation Voltage, Darlington Connection
(ISW = 1.0A, Pins 1,8 connected)
VCE (sat)
-
1.0
1.3
V
Saturation Voltage, Darlington Connection
(ISW = 1.0A, ID = 50mA, Forced ß ≈ 20)
VCE (sat)
-
0.45
0.7
V
DC Current Gain (ISW = 1.0A, VCE = 5.0V, TA = 25°C)
hFE
50
75
-
-
Collector Off-State Current (VCE = 40V)
IC (off)
-
0.01
100
µ
A
COMPARATOR
Vth
-
-
-
V
-
1.225
1.25
1.275
-
Threshold Voltage
TA = 25°C
TA = 0
oC ~ 70oC
-
1.21
-
1.29
-
Threshold Voltage Line Regulation (VCC = 3.0V to 40V)
Regline
-
1.4
6.0
mV
TOTAL DEVICE
Supply Current (VCC = 5.0V to 40V, CT =1.0nF, Pin 7 = VCC,
VPin 5 > Vth Pin 2 = Gnd, remaining pins open)
ICC
-
-
3.5
mA
1.25V
Reference
Regulator
Ipk
Oscillator
CT
R
SQ
Q2
Q1
100
Comparator
+
_
(Bottom View)
8
7
6
5
1
2
3
4
Gnd
Timing
Capacitor
Switch
Emitter
Switch
Collector
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Representative Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com