Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP34063 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
2 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
(1) PDIP-8L
(2) SOP-8L
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Top View)
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Top View)
Maximum Ratings
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VIR
-0.3 ~ +40
V
Switch Collector Voltage
VC (switch)
40
V
Switch Emitter Voltage (VPin 1 = 40V)
VE (switch)
40
V
Switch Collector to Emitter Voltage
VCE (switch)
40
V
Driver Collector Voltage
VC (driver)
40
V
Driver Collector Current
IC (driver)
100
mA
Switch Current
ISW
1.6
A
SOP: TA = 25°C
PD
600
mW
PDIP: TA = 25°C
PD
1.25
W
Power Dissipation
and Thermal
Characteristics
Thermal Resistance
θ
JA
160
°C/W
Maximum Junction Temperature
TMJ
+150
°C
Operating Junction Temperature Range
TOP
0 ~ +105
°C
Storage Temperature Range
Tstg
-65 ~ +150
°C
Note:
4. Maximum package power dissipation limits must be observed.
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com