Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLD1201 Datasheet (PDF) - Texas Instruments

TPLD1201 Datasheet PDF - Texas Instruments
Part # TPLD1201
Download  TPLD1201 Download
File Size   807.56 Kbytes
Page   11 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPLD1201 Programmable Logic Device

TPLD1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLD1201 Datasheet PDF - Texas Instruments

Part # TPLD1201
Download  TPLD1201 Click to download

File Size   807.56 Kbytes
Page   11 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPLD1201 Programmable Logic Device

TPLD1201 Datasheet (HTML) - Texas Instruments


TPLD1201 Product details

1 Features
• Eight general purpose input or outputs:
– Digital input can be configured with hysteresis,
low-voltage thresholds, and internal pull-up or
down resistor
– Push-pull, open-drain (PMOS/NMOS), and Hi-Z
outputs
• Supports 1.8 V, 2.5 V, 3.3 V, and 5 V applications
• Configurable macro-cells:
– 2-, 3-, and 4-bit lookup tables (LUT)
– D-type flip-flops or latches with and without
reset or set option
– Pipe delay – 8-stages, 2 outputs
– Selectable counters or delay generators
– Programmable deglitch filter or edge detector
– Analog comparators – selectable VREF and
input gain
– Internal voltage reference fixed or ratiometric
– 25 kHz and 2 MHz RC oscillator – internal
divider stages
• Extended temperature range: -40°C to 125°C
• Development tools:
– InterConnect Studio
– TPLD1201 evaluation module
– TPLD programming board

2 Applications
• Factory automation and control
• Communications equipment
• Retail automation and payment
• Test and measurement
• Pro audio, video and signage
• Personal electronics

3 Description
The TPLD1201 is part of the TI programmable
logic device (TPLD) family of devices that feature
versatile programmable logic ICs with combinational
logic, sequential logic and mixed-signal functions.
TPLD provides a fully integrated, low power solution
to implement common system functions, such as
timing delays, voltage monitors, system resets, power
sequencers, I/O expanders, and more. This device
features configurable I/O structures that extends
compatibility within mixed-signal environments,
reducing the number of discrete components required.
System designers can create circuits and configure
the macro-cells, I/O pins, and interconnections
by temporarily emulating the non-volatile memory
or by permanently programming the one-time
programmable (OTP) through InterConnect Studio.
The TPLD1201 is supported by hardware and
software ecosystem with application notes, reference
designs and design examples. Visit ti.com for more
information and access to design tools.




Similar Part No. - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPLD1201 TI-TPLD1201 Datasheet
1Mb / 59P
TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
SEPTEMBER 2024
TPLD1201 TI-TPLD1201 Datasheet
2Mb / 67P
TPLD1201 Programmable Logic Device with 8-GPIO
DECEMBER 2024
TPLD1201 TI2-TPLD1201 Datasheet
2Mb / 64P
TPLD1201 Programmable Logic Device with 8-GPIO
TPLD1201 Programmable Logic Device with 8-GPIO
TPLD1201 TI2-TPLD1201 Datasheet
1Mb / 60P
TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
REVISED SEPTEMBER 2025
TPLD1201 TI2-TPLD1201 Datasheet
2Mb / 61P
TPLD1201 Programmable Logic Device with 8-GPIO
REVISED JANUARY 2026
More results


Similar Description - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com