Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLD1201 Datasheet (PDF) - Texas Instruments

TPLD1201 Datasheet PDF - Texas Instruments
Part # TPLD1201
Download  TPLD1201 Download
File Size   2132.54 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD1201 Programmable Logic Device with 8-GPIO

TPLD1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLD1201 Datasheet PDF - Texas Instruments

Part # TPLD1201
Download  TPLD1201 Click to download

File Size   2132.54 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD1201 Programmable Logic Device with 8-GPIO

TPLD1201 Datasheet (HTML) - Texas Instruments


TPLD1201 Product details

1 Features
• Operating characteristics
– Extended temperature range: -40°C to 125°C
– Wide supply voltage range: 1.71V to 5.5V
• Configurable macro-cells
– 2-, 3-, and 4-bit lookup tables
– D-type flip-flops and latches with and without
reset/set option
– 8-bit pipe delay
– Counters and delay generator
– Programmable deglitch filter or edge detector
– Discrete analog comparators
– Voltage reference
– Oscillator
• Flexible digital I/O features
– All digital signals can be routed to any GPIO
– Digital input modes: digital in with and without
Schmitt-trigger, low-voltage digital in
– Digital output modes: push-pull, open-drain
NMOS, tri-state
• Development tools
– InterConnect Studio
– Evaluation module
– TPLD programming board

2 Applications
• Factory automation and control
• Communications equipment
• Retail automation and payment
• Test and measurement
• Pro audio, video and signage
• Personal electronics

3 Description
The TPLD1201 is part of the TI programmable logic
device (TPLD) family of devices that feature versatile
programmable logic ICs with combinational logic,
sequential logic, and analog blocks. TPLD provides
a fully integrated, low power solution to implement
common system functions, such as timing delays,
voltage monitors, system resets, power sequencers,
I/O expanders, and more. This device features
configurable I/O structures that extends compatibility
within mixed-signal environments, reducing the
number of discrete components required.
System designers can create circuits and configure
the macro-cells, I/O pins, and interconnections
by temporarily emulating the non-volatile memory
or by permanently programming the one-time
programmable (OTP) through InterConnect Studio.
The TPLD1201 is supported by a hardware and
software ecosystem with application notes, reference
designs, and design examples. Visit ti.com for more
information and access to design tools.




Similar Part No. - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPLD1201 TI1-TPLD1201 Datasheet
807Kb / 11P
TPLD1201 Programmable Logic Device
NOVEMBER 2023
TPLD1201 TI-TPLD1201 Datasheet
1Mb / 59P
TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
SEPTEMBER 2024
TPLD1201 TI-TPLD1201 Datasheet
2Mb / 67P
TPLD1201 Programmable Logic Device with 8-GPIO
DECEMBER 2024
TPLD1201 TI2-TPLD1201 Datasheet
1Mb / 60P
TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
REVISED SEPTEMBER 2025
TPLD1201 TI2-TPLD1201 Datasheet
2Mb / 61P
TPLD1201 Programmable Logic Device with 8-GPIO
REVISED JANUARY 2026
More results


Similar Description - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
logo
Texas Instruments
TPLD1201 TI1-TPLD1201 Datasheet
807Kb / 11P
TPLD1201 Programmable Logic Device
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com