Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLD1201 Datasheet (PDF) - Texas Instruments

TPLD1201 Datasheet PDF - Texas Instruments
Part # TPLD1201
Download  TPLD1201 Download
File Size   1898.16 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO

TPLD1201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLD1201 Datasheet PDF - Texas Instruments

Part # TPLD1201
Download  TPLD1201 Click to download

File Size   1898.16 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO

TPLD1201 Datasheet (HTML) - Texas Instruments


TPLD1201 Product details

1 Features
• Operating characteristics
– Extended temperature range: -40°C to 125°C
– Wide supply voltage range: 1.71V to 5.5V
– Qualified for automotive applications
• Configurable macro-cells
– 2-, 3-, and 4-bit lookup tables
– D-type flip-flops and latches with and without
reset/set option
– 8-bit pipe delay
– Counters and delay generator
– Programmable deglitch filter or edge detector
– Discrete analog comparators
– Voltage reference
– Oscillator
• Flexible digital I/O features
– All digital signals can be routed to any GPIO
– Digital input modes: digital in with and without
Schmitt-trigger, low-voltage digital in
– Digital output modes: push-pull, open-drain
NMOS, tri-state
• Development tools
– InterConnect Studio
– Evaluation module
– TPLD programming board

2 Applications
• Factory automation and control
• Communications equipment
• Retail automation and payment
• Test and measurement
• Pro audio, video and signage
• Personal electronics
• Automotive

3 Description
The TPLD1201-Q1 is part of the TI programmable
logic device (TPLD) family of devices that feature
versatile programmable logic ICs with combinational
logic, sequential logic, and analog blocks. TPLD
provides a fully integrated, low power solution to
implement common system functions, such as timing
delays, voltage monitors, system resets, power
sequencers, I/O expanders, and more. This device
features configurable I/O structures that extends
compatibility within mixed-signal environments,
reducing the number of discrete components required.
System designers can create circuits and configure
the macro-cells, I/O pins, and interconnections
by temporarily emulating the non-volatile memory
or by permanently programming the one-time
programmable (OTP) through InterConnect Studio.
The TPLD1201-Q1 is supported by a hardware and
software ecosystem with application notes, reference
designs, and design examples. Visit ti.com for more
information and access to design tools.




Similar Part No. - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPLD1201 TI1-TPLD1201 Datasheet
807Kb / 11P
TPLD1201 Programmable Logic Device
NOVEMBER 2023
TPLD1201 TI-TPLD1201 Datasheet
1Mb / 59P
TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
SEPTEMBER 2024
TPLD1201 TI-TPLD1201 Datasheet
2Mb / 67P
TPLD1201 Programmable Logic Device with 8-GPIO
DECEMBER 2024
TPLD1201 TI2-TPLD1201 Datasheet
2Mb / 64P
TPLD1201 Programmable Logic Device with 8-GPIO
TPLD1201 Programmable Logic Device with 8-GPIO
TPLD1201 TI2-TPLD1201 Datasheet
2Mb / 61P
TPLD1201 Programmable Logic Device with 8-GPIO
REVISED JANUARY 2026
More results


Similar Description - TPLD1201

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
logo
Texas Instruments
TPLD1201 TI1-TPLD1201 Datasheet
807Kb / 11P
TPLD1201 Programmable Logic Device
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com