Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD32121L-AG6-R Datasheet (PDF) - Unisonic Technologies

UD32121L-AG6-R Datasheet PDF - Unisonic Technologies
Part # UD32121L-AG6-R
Download  UD32121L-AG6-R Download
File Size   202.55 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER

UD32121L-AG6-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UD32121L-AG6-R Datasheet PDF - Unisonic Technologies

Part # UD32121L-AG6-R
Download  UD32121L-AG6-R Click to download

File Size   202.55 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER

UD32121L-AG6-R Datasheet (HTML) - Unisonic Technologies


UD32121L-AG6-R Product details

DESCRIPTION
The UTC UD32121 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 32V down to an output voltage as low as 0.81V, and
supplies up to 1.2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD32121 requires a minimum number of readily
available standard external components.

FEATURES
* 1.2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 32V Operating Input Range
* Output Adjustable from 0.81V to 15V




Similar Part No. - UD32121L-AG6-R

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
UD320 A-DATA-UD320 Datasheet
1Mb / 1P
microUSB adaptor
More results


Similar Description - UD32121L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100_1011 DIODES-AP5100_1011 Datasheet
362Kb / 10P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
Diodes Incorporated
AP5100 DIODES-AP5100_V01 Datasheet
389Kb / 12P
1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com