Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD32121L-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD32121L-AG6-R
Description  1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD32121L-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD32121L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD32121L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD32121L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD32121L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD32121L-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD32121
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R115-036.E
1.2A, 32V, 1.4MHz
STEP-DOWN CONVERTER
DESCRIPTION
The UTC UD32121 is a monolithic step-down switching mode
converter with a built-in power MOSFET. It regulates input voltages
from 4.5V to 32V down to an output voltage as low as 0.81V, and
supplies up to 1.2A of load current.
Current mode operation provides fast transient response and
eases loop stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal shutdown.
The UTC UD32121 requires a minimum number of readily
available standard external components.
APPLICATIONS
* Distributed Power Systems
* Battery Charger
* Pre-Regulator for Linear Regulators
* WLED Drivers
FEATURES
* 1.2A Peak Output Current
* 0.35Ω Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 92% Efficiency
* 0.1μA Shutdown Mode
* Fixed 1.4MHz Frequency
* Thermal Shutdown
* Cycle-by-Cycle Over Current Protection
* Wide 4.5V to 32V Operating Input Range
* Output Adjustable from 0.81V to 15V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD32121L-AG6-R
UD32121G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UD32121L-AG6-R

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
UD320 A-DATA-UD320 Datasheet
1Mb / 1P
microUSB adaptor
More results

Similar Description - UD32121L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100_1011 DIODES-AP5100_1011 Datasheet
362Kb / 10P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
Diodes Incorporated
AP5100 DIODES-AP5100_V01 Datasheet
389Kb / 12P
1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com