Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS850F3TUV50 Datasheet (PDF) - Infineon Technologies AG

TLS850F3TUV50 Datasheet PDF - Infineon Technologies AG
Part # TLS850F3TUV50
Download  TLS850F3TUV50 Download
File Size   1893.19 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset

TLS850F3TUV50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS850F3TUV50 Datasheet PDF - Infineon Technologies AG

Part # TLS850F3TUV50
Download  TLS850F3TUV50 Click to download

File Size   1893.19 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset

TLS850F3TUV50 Datasheet (HTML) - Infineon Technologies AG


TLS850F3TUV50 Product details

Features
• Output voltage 5 V ±2%
• Current capability 500 mA
• Input voltage range from 3 V to 42 V
• Stable with 1 μF ceramic output capacitor
• Ultra low current consumption: typically 26 μA
• Very low drop out voltage: typically 300 mV at 250 mA
• Watchdog circuit for monitoring a microprocessor
• Watchdog inhibit
• Output voltage supervision by reset circuit:
– Programmable delay time
• Output current limitation
• Overtemperature shutdown
• Green Product (RoHS compliant)




Similar Part No. - TLS850F3TUV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results


Similar Description - TLS850F3TUV50

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
logo
Infineon Technologies A...
TLS820F3ELV33 INFINEON-TLS820F3ELV33 Datasheet
2Mb / 42P
OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS820F3ELV50 INFINEON-TLS820F3ELV50 Datasheet
2Mb / 42P
OPTIREG™ linear TLS820F3ELV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS830A4EPV50 INFINEON-TLS830A4EPV50 Datasheet
1Mb / 21P
OPTIREG™ linear voltage regulator TLS830A4EPV50 Ultra low quiescent current linear voltage regulator
Rev. 1.0 2023-07-17
TLS850A4TEV50 INFINEON-TLS850A4TEV50 Datasheet
1Mb / 21P
OPTIREG™ linear voltage regulator TLS850A4TEV50 Ultra low quiescent current linear voltage regulator
Rev. 1.0 2023-05-25
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com