Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR30120P Datasheet (PDF) - RFE international

MUR30120P Datasheet PDF - RFE international
Part # MUR30120P
Download  MUR30120P Download
File Size   2174.32 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR30120P

MUR30120P Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR30120P Datasheet PDF - RFE international

Part # MUR30120P
Download  MUR30120P Click to download

File Size   2174.32 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR30120P

MUR30120P Datasheet (HTML) - RFE international


MUR30120P Product details

FEATURES
High frequency operation
High surge forward current capability
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term reliability
Solder dip 275 °C max. 7 s, per JESD 22-B106




Similar Part No. - MUR30120P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR30120P LUGUANG-MUR30120P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 30A FRED Pt
Revision:20230411-P1
logo
Inchange Semiconductor ...
MUR30120P ISC-MUR30120P Datasheet
316Kb / 2P
Ultrafast Recovery Rectifier
logo
Thinki Semiconductor Co...
MUR30120PA THINKISEMI-MUR30120PA Datasheet
284Kb / 2P
30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR30120PL THINKISEMI-MUR30120PL Datasheet
286Kb / 2P
30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
logo
Shenzhen Luguang Electr...
MUR30120PL LUGUANG-MUR30120PL Datasheet
1Mb / 4P
Ultra-Fast Recovery Rectifier Diodes
Revision:20240822-P1
More results


Similar Description - MUR30120P

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR1020 RFE-MUR1020 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1020 Through MUR1060
08-10-2020
MUR1060FCT RFE-MUR1060FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1060FCT
08-22-2020
MUR1640 RFE-MUR1640 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640 Through MUR1660
09-08-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR2010CT RFE-MUR2010CT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2010CT Through MUR2060CT
28-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR2040FCT RFE-MUR2040FCT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2040FCT Through MUR2060FCT
28-10-2020
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
MUR540F RFE-MUR540F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt
12-11-2020
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com