Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L028N170M1 Datasheet (PDF) - Inchange Semiconductor Company Limited

NTH4L028N170M1 Datasheet PDF - Inchange Semiconductor Company Limited
Part # NTH4L028N170M1
Download  NTH4L028N170M1 Download
File Size   379.08 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

NTH4L028N170M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTH4L028N170M1 Datasheet PDF - Inchange Semiconductor Company Limited

Part # NTH4L028N170M1
Download  NTH4L028N170M1 Click to download

File Size   379.08 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description SiC N-Channel MOSFET

NTH4L028N170M1 Datasheet (HTML) - Inchange Semiconductor Company Limited


NTH4L028N170M1 Product details

FEATURES
·High Blocking Voltage with Low On-Resistance
·RDS(ON)= 40mΩ(TYP.)@VGS=20V Tj=25℃
·High Speed Switching with Low Capacitance
·Easy to Parallel and Simple to Drive
APPLICATIONS
·Solar Inverters
·Switch Mode Power Supplies
·DC-DC Converters
·Motor drives




Similar Part No. - NTH4L028N170M1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L028N170M1 ONSEMI-NTH4L028N170M1 Datasheet
253Kb / 8P
Silicon Carbide (SiC) MOSFET, M1, TO-247-4L 1700 V, 28 mOhm
March, 2022 ??Rev. 0
NTH4L028N170M1. ONSEMI-NTH4L028N170M1. Datasheet
253Kb / 8P
Silicon Carbide (SiC) MOSFET, M1, TO-247-4L 1700 V, 28 mOhm
March, 2022 ??Rev. 0
More results


Similar Description - NTH4L028N170M1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com