Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK58C308 Datasheet (PDF) - List of Unclassifed Manufacturers

STK58C308 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK58C308
Download  STK58C308 Download
File Size   121.81 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description STK58C308 TOUCH DIMMER

STK58C308 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK58C308 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK58C308
Download  STK58C308 Click to download

File Size   121.81 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description STK58C308 TOUCH DIMMER

STK58C308 Datasheet (HTML) - List of Unclassifed Manufacturers


STK58C308 Product details

FEATURE

* Selectable 3-state or on/off function.
* power on reset and 1 second hold function.
* Operating on 90 - 230V,50/60HZ power supply system.
* 3-state brightness control range:19° ,75° ,115° of full
brightness.
* Load range of sense input from 0 to SOOpF.
* Minimum peripheral component required.
* Polarity insensitive with AC line.
* Maximum operation extensions: SENSORS, PUSH-BUTTTON and
REMOTE CONTROL.




Similar Part No. - STK58C308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
logo
AUK corp
STK58X60LM AUK-STK58X60LM Datasheet
364Kb / 8P
Advanced Power MOSFET
More results


Similar Description - STK58C308

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT6061A TONTEK-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
TT6061 TONTEK-TT6061 Datasheet
232Kb / 4P
TOUCH DIMMER
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
TOUCH DIMMER IC
logo
LSI Computer Systems
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
logo
Holtek Semiconductor In...
HT7704 HOLTEK-HT7704 Datasheet
377Kb / 7P
Touch Dimmer
27th Dec 96
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com