Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7704 Datasheet (PDF) - Holtek Semiconductor Inc

HT7704 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7704
Download  HT7704 Download
File Size   377.11 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Touch Dimmer

HT7704 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7704 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7704
Download  HT7704 Click to download

File Size   377.11 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Touch Dimmer

HT7704 Datasheet (HTML) - Holtek Semiconductor Inc


HT7704 Product details

General Description

The HT7704 series are CMOS LSIs in 8-lead DIP package. They are designed to control the brightness of an incandescent lamp by changing the triggering angles of the TRIAC with touch sense input.



Feature

• Operating voltage: 4~10V

• High noise immunity CMOS technology

• High sensitivity and stability

• Polarity insensitive with AC line

• Minimal external components required

• Loading range of sense input from 0 to 1000pf

• 50/60 Hz selectable

• HT7704A: 3 steps control

  HT7704B: 4 steps control

  HT7704C: On/off switch

• 8 pin DIP/SOP package




Similar Part No. - HT7704

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700A HOLTEK-HT7700A Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700B HOLTEK-HT7700B Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700C HOLTEK-HT7700C Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
HT7700D HOLTEK-HT7700D Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
More results


Similar Description - HT7704

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT6061A TONTEK-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
TT6061 TONTEK-TT6061 Datasheet
232Kb / 4P
TOUCH DIMMER
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
Key & Touch Linear Dimmer
21th July 97
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
TOUCH DIMMER IC
logo
LSI Computer Systems
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
logo
List of Unclassifed Man...
STK58C308 ETC-STK58C308 Datasheet
121Kb / 1P
STK58C308 TOUCH DIMMER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com